|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
THYRISTOR( Through Hole/Non-isolated) SMG5C60 Thyristor SMG5C60 is designed for full wave AC control applications. It can be used as an ON/OFF function or for phase control operation. Typical Applications Home Appliances : Electric Blankets, Starter for FL, other control applications Industrial Use : SMPS, Solenoid for Breakers, Motor Controls, Heater Controls, other control applications Features IT(AV)=5A High Surge Current Low Voltage Drop Lead-Free Package Identifying Code S5C6 Unit mm Maximum Ratings Symbol VRRM VRSM VDRM IT IT AV RMS Tj=25 unless otherwise specified Item Repetitive Peak Reverse Voltage Non-Repetitive Peak Reverse Voltage Repetitive Peak Off-State Voltage Average On-State Current R.M.S. On-State Current Surge On-State Current I2t Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage Forward Peak Gate Voltage Reverse Operating Junction Temperature Storage Temperature Mass Reference Ratings 600 720 600 Unit V V V A A A A2S W W A V V Single phase, half wave, 180 , conduction, Tc 103 Single phase, half wave, 180 , conduction, Tc 103 50Hz/60Hz, 1 2 5 7.8 80/88 32 5 0.5 2 6 10 40 40 2 125 150 ITSM I2t PGM PG AV cycle Peak value, non-repetitive IFGM VFGM VRGM Tj Tstg g Electrical Characteristics Symbol IDRM IRRM VTM IGT VGT VGD IH Rth j-c Item Repetitive Peak Off-State Current Repetitive Peak Reverse Current Peak On-State Voltage Gate Trigger Current Gate Trigger Voltage Non-Trigger Gate Voltage Holding Current Thermal Resistance Junction to case Reference Tj 125 , VD VDRM Tj 125 , VR VRRM IT 15A, Inst. measurement VD 6V, RL 10 Tj 125 , VD 1 2VDRM Ratings Min. Typ. Max. 2 2 1.5 10 1.4 0.2 15 3 Unit mA mA V mA V V mA /W SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com SMG5C60 SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com SMG5C60 SanRex 50 Seaview Blvd. Port Washington, NY 11050 PH(516)625-1313 FX(516)625-8845 E-mail:semi@sanrex.com |
Price & Availability of SMG5C60 |